PART |
Description |
Maker |
RFSP5022 PRFS-P5022-EVL PRFS-P5022-009 PRFS-P5022- |
5.15-5.85 GHz U-NII Power Amplifier 5.15-5.85千兆赫的U - NII功率放大 5.15-5.85 GHz U-NII Power Amplifier 5150 MHz - 5850 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER Single-band power amplifiers The RFS P5022 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 5.15-5.85 GHz ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc]
|
AD800904 AD8009ACHIPS AD8009JRT-R2 AD8009JRT-REEL |
1 GHz, 5,500 V/?Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier 1 GHz, 5,500 V/Я Low Distortion Amplifier 1 GHz, 5,500 V/ Low Distortion Amplifier 1 GHz, 5,500 V/?/a> Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Commercial 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Analog Devices, Inc.
|
BGA318 Q62702-G0043 |
From old datasheet system Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 硅双极单片放大器(级0瓦,增益模块十六分贝典型增益.0 GHz2 dBm典型的P - 1dB的在1.0千兆赫) Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 0 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
AMMC-5023 |
AMMC-5023 · 23 GHz Low Noise Amplifier 23 GHz Low Noise Amplifier (21.2-26.5 GHz)
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
CMM1331-KU |
12.7 to 13.5 GHz, 1.5 watt power amplifier 12.70 to 13.50 GHz 1.5 Watt Power Amplifier 12700 MHz - 13500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
CELERITEK Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
XD1005-QT-EV1 XD1005-QT-0G00 MIMIXBROADBANDINC.-XD |
10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN 10000 MHz - 40000 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN 10.0-40.0千兆赫的GaAs MMIC分布式放大器QFN封装
|
Mimix Broadband, Inc.
|
BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
|
Siemens Semiconductor Group
|
AA035P3-00 AA038N3-00 |
37-40 GHz GaAs MMIC low noise amplifier 31-35 GHz GaAs MMIC Driver Amplifier 315 GHz GaAs MMIC Driver Amplifier
|
Alpha Industries Inc
|
HMMC-5027 |
2 -26.5 GHz Broadband Traveling Wave Amplifier(2 -26.5 GHz 宽频行波放大器(用于中等功率
|
Agilent(Hewlett-Packard)
|
TMT-4-0504 |
Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|
AWT6283RM49P8 |
3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
|
ANADIGICS, Inc
|
CPT-13-6037 CPT-13-6028 |
Temperature Compensated Power Amplifier 6 GHz - 13 GHz
|
TELEDYNE[Teledyne Technologies Incorporated]
|